Part Number Hot Search : 
S3C7434 W14902 W14902 M6800 C68HC70 C5030F0 A6812EEP TSP140B
Product Description
Full Text Search
 

To Download SLP-3117E-51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN6051
SLP-3117E-51
Infrared LED
SLP-3117E-51
o3.1mm yellow-green contact type LED lamp (U-cut version)
Features
* GaP yellow green LED * 3.1mmo, U-cut type lamp * Light green epoxy resin package type * The insertion which made it stick to PCB is possible * High luminous intensity, high reliability and long life * Application : for the general public welfare
0.8 max
1.55
2
Note : Material -- lron Coating -- Solder Lead center off : 0.4 Unit : mm
2 max (not soldered)
o4.4 o3.1 o3
4.5 0.5 9.2 0.5
.5 R0
1 2.2 4.2
Absolute Maximum Ratings at Ta=25C (as per JIS C 7032)
Parameter Forward Current *1 Pulse Forward Current *2 Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Soldering Temperature *3
*1 *2 *3
Symbol IF IFP VR PD Topr Tstg Tsol
Rating 25 100 3 70 - to +80 -25 - to +85 -30 260
Unit mA mA V mW C C C
0.5 0.4
28.5 1
0.4
Anode Cathode
See forward current derating Pulse width = Max. 10ms Duty ratio = Max. 1 / 10 Max. 5sec., Lead soldering condition : Min. 1.6mm from case (used 1.6mm't PCB)
2.5
Electrical / Optical Characteristics at Ta=25C
Parameter Symbol Conditions Min. Typ. Foward Voltage VF IF = 20mA 1.7 2.1 Reverse Current IR VR = 3V Luminous Intensity *4 IV IF = 20mA 8 15 Peak Wavelength P IF = 20mA 567 Line Half Width IF = 20mA 25 Capacitance CO VO = 0 * F = 1MHz 50 Response Time t 250 *4 Luminous Intensity is measured by J-16 (SONY TEKTRONIX) of which our office possess. Max. 2.8 10 Unit V A mcd nm nm pF ns
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
52699 GI, (MI) No.6051 1/4
(1.5)
SLP-3117E-51
Typical Characteristics
CAUTION These shows the electrical and optical characteristics of this products, and not assure this dispersive contents.
Forward Current vs. Forward Voltage
30 20
Intensity vs. Temperature (IF : constant)
1.5
Forward Current (mA)
10
Relative Intensity
1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4
1.0
5 3 2
0.5
1 1.6
--40
--20
0
20
40
60
80
100
Forward Voltage (V)
Temperature (C)
Intensity vs. Current
10 1.0 5
Spectrum
Relative Intensity
1
Relative Intensity
1 2 5 10 20 50 100 200
2
0.5
0.5
0.2 0.1 0 450 500 550 600 650
Forward Current (mA)
Wave Length (nm)
Forward Current Derating (Abusolute Maximum Rating)
35 20 30 30 40
Directivity
10 0 1.0 10 20 30 40
Forward Current (mA)
25
20 15
50 0.5 60
50
60
10 70 5 0 80 0.1 0 10 20 30 40 50 60 70 80 90 100 90 90 70 80
Temperature (C)
No.6051 2/4
SLP-3117E-51
PRECAUTIONS (1) Bending a lead should avoid not to cause chip deterioration or so. When bending is necessary, care must be taken considering the following points : q Bending a lead must be done before soldering. w Bending a lead must be done in the states of fixing a lead tight and applying no stress on the resin part; otherwise it may cause troubles such as gold wire breaking. e A lead must be bent at intervals of 1.6mm from the edge of the resin part. r Do not bend the same portion of lead more than twice. (2) Setting a product by a tool such as holder should avoid. When necessary, no stress should be applied to the resin part and lead by sufficient considerations on dimension tolerance, thermal expansion, thermal contraction of holder, product and circuit board. (3) The hole pitch of a circuit board must fit to its lead pitch. (4) When soldering, care must be taken considering the following points : q Do not heat a product under any stress (ex. : twist) to leads. w Do not heat (by soldering, for example) a product in the states of being forced to the resin part. (5) Do not use the flux containing chlorine which may cause corrosion of lead and washing is preferable. When washing is necessary, avoid washing the whole product and wash only the needed part under the following conditions. * Chemicals : Methyl alcohol * Temperature : 45C max. * Time : 30sec. max.
No.6051 3/4
SLP-3117E-51
CAUTION
1. No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster / crime-prevention equipment or the like, and the failure of which may directly or indirectly cause injury, death or property loss. 2. Anyone purchasing any products described or contained herein for an above-mentioned use shall: 1) Accept full responsibility and indemnify and defend SANYO ELECTRIC CO.,LTD., it's affiliates, subsidiaries and distributors or any of their officers and employees, jointly and severally, against any and all claims and litigation and all damages, costs and expenses associated with such use. 2) Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., it's affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. 3. Information (including circuit diagrams and circuit parameters) disclosed herein is for example only; it is not guaranteed for mass production, SANYO believes the information disclosed herein is accurate and reliable, but no guarantees are made or implied regarding it's use or any infringements of intellectual property rights or other rights of third parties.
Precautionary instructions in handling gallium arsenic products
Special precautions must be taken in handling this product because it contains, gallium arsenic, which is designated as a toxic substance by law. Be sure to adhere strictly to all applicable laws and regulations enacted for this substance, particularly when it comes to disposal.
Manufactured by ; Tottori SANYO Electric Co., Ltd. LED Division 5-318, Tachikawa-cho, Tottori City, 680-8634 Japan TEL: +81-857-21-2137 FAX: +81-857-21-2161
PS No.6051 4/4


▲Up To Search▲   

 
Price & Availability of SLP-3117E-51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X